PART |
Description |
Maker |
CPD104R |
Schottky Diode Low VF Schottky Diode Chip
|
Central Semiconductor Corp
|
CPD109R |
Low VF Schottky Diode Chip
|
Central Semiconductor Corp Central Semiconductor C...
|
80CNQ045 80CNQ035 80CNQ040 80CNQSM 80CNQ 80CNQSL 8 |
to 85C, Low Ripple & Noise, High Efficiency up to 82%, Low Profile Plastic Case, Single & Dual Ouputs SCHOTTKY RECTIFIER 45V 80A Schottky Common Cathode Diode in a D61-8-SM package 45V 80A Schottky Common Cathode Diode in a D61-8-SL package 35V 80A Schottky Common Cathode Diode in a D61-8 package 40V 80A Schottky Common Cathode Diode in a D61-8 package 45V 80A Schottky Common Cathode Diode in a D61-8 package
|
IRF[International Rectifier]
|
CPD98V |
Schottky Diode Silicon High Current Schottky Diode Chip
|
Central Semiconductor Corp
|
CPD98V10 |
Schottky Diode Silicon High Current Schottky Diode Chip
|
Central Semiconductor Corp
|
CMDSH05-4 |
SMD Schottky Diode Single SURFACE MOUNT SUPERmini LOW VF SILICON SCHOTTKY DIODE
|
Central Semiconductor Corp
|
BAT65 Q62702-A990 |
Silicon Schottky Diode (Low-power Schottky rectifier diode) From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
BAT66-05 BAT66_05 Q62702-A988 |
From old datasheet system Silicon Schottky Diode (Low-power Schottky rectifier diode)
|
SIEMENS[Siemens Semiconductor Group]
|
Q62702-A764 BAT30 |
silicon sohottlky diode RF detector low-power bias very low capaacitance For freguencies up to 25Ghz FILTER BANDPASS 2.4GHZ 1008 SMD silicon schottky diode (RF detector Low-power mixer Zerobias Very low capacitance for frequencies up to 25 GHz) From old datasheet system silicon schottky diode (RF detector, Low-power mixer, Zerobias, Very low capacitance, for frequencies up to 25 GHz)
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
NSR01L30NXT5G10 NSR01L30 |
30 V, 100 mA, Low IR Schottky Diode, DSN2 (0201) Schottky Barrier Diode
|
ON Semiconductor
|
BAT165 Q62702-A1190 BAT165Q62702A1190 |
CY8C24123A CY8C24223A, CY8C24423A PSoC® Mixed-Signal Array Silicon Schottky Diode (Low-power Schottky rectifier diode Miniature plastic package for surface mounting SMD) From old datasheet system
|
SIEMENS AG Infineon SIEMENS[Siemens Semiconductor Group]
|